Part Number Hot Search : 
55C12 G103MSE IRFP462 UNRF2A2 22500 LT1201 60CTT015 P6KE18CA
Product Description
Full Text Search
 

To Download UN227 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UN227
Transistor array to drive the small motor s Features
q q q q
Small and lightweight Low power consumption Low-voltage drive With 8 elements incorporated
6.50.3 10-0.40.1
Unit: mm
5.50.3 1 10
1.50.1 0.8
s Applications
q q
For motor drives Small motor drive circuits in general
5
6 12 6
0 to 0.1 0.5
45
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Peak collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT* Tj Tstg
(Ta=253C)
Ratings 10 10 7 1.5 2 0.5 150 -55 to +150 Unit V V V A A W C C
6 0.50.2 7.70.3
Internal Connection
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
Note: marks used above: +: NPN part, -: PNP part * TC = 25C only when the elements are active
0.2 -0.05
12
+0.1
8-0.90.1
SO-10C Package
1
Small Signal Transistor Arrays
UN227
s Electrical Characteristics
Parameter Collector to base voltage
(Ta=25C)
Symbol VCBO VCEO VEBO ICBO ICEO hFE VCE(sat) fT Cob VF Conditions (NPN) IC = 10A, IE = 0 (PNP) IC = -10A, IE = 0 (NPN) IC = 1mA, IB = 0 (PNP) IC = -1mA, IB = 0 (NPN) IE = 10A, IC = 0 (PNP) IE = -10A, IC = 0 (NPN) VCB = 7V, IE = 0 (PNP) VCB = -7V, IE = 0 (NPN) VCE = 10V, IB = 0 (PNP) VCE = -10V, IB = 0 (NPN) VCE = 1V, IC = 400mA* (PNP) VCE = -1V, IC = -400mA* (NPN) IC = 1A, IB = 25mA* (PNP) IC = -1A, IB = -25mA* (NPN) VCB = 6V, IE = -50mA, f = 200MHz (PNP) VCB = -6V, IE = 50mA, f = 200MHz (NPN) VCB = 6V, IE = 0, f = 1MHz (NPN) VCB = -6V, IE = 0, f = 1MHz (NPN) IF = 0.5A (PNP) IF = - 0.5A 120 120 25 35 1.3 -1.3 200 200 min 10 -10 10 -10 7 -7 1 -1 2 -2 700 700 0.25 - 0.35 V typ max Unit V
Collector to emitter voltage
V
Emitter to base voltage
V A A
Collector cutoff current
Collector cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
MHz
Collector output capacitance
pF
Forward voltage *Pulse measurement
V
2


▲Up To Search▲   

 
Price & Availability of UN227

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X